PART |
Description |
Maker |
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MT5C6805EC-35/883C MT5C6805C-35L/883C MT5C6805C-35 |
16K x 4 SRAM SRAM MEMORY ARRAY 16K的4 SRAM的存储器阵列
|
Electronic Theatre Controls, Inc.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AS8S128K32 |
128K x 32 SRAM SRAM MEMORY ARRAY
|
ASI AUSTIN[Austin Semiconductor]
|
MT5C1005 MT5C1005C-20L_883C MT5C1005C-20L_IT MT5C1 |
256K x 4 SRAM SRAM MEMORY ARRAY
|
ETC AUSTIN[Austin Semiconductor]
|
CY7C1020B CY7C1020B-12VC CY7C1020B-12ZC CY7C1020B- |
32K x 16 Static RAM 32K X 16 STANDARD SRAM, 15 ns, PDSO44 Memory : Async SRAMs
|
CYPRESS SEMICONDUCTOR CORP Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor] http://
|
MT5C6405 MT5C6405C-12_883C MT5C6405C-12_IT MT5C640 |
16K x 4 SRAM SRAM MEMORY ARRAY 16K X 4 STANDARD SRAM, CQCC28 16K X 4 STANDARD SRAM, 12 ns, CDIP28
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
HM66AQB18204BP-33 HM66AQB36104BP-40 HM66AQB9404BP- |
Memory>Fast SRAM>QDR SRAM 36-Mbit QDRTMII SRAM 4-word Burst
|
Renesas Technology / Hitachi Semiconductor
|